Part Number Hot Search : 
SRD10100 URF1615 GL461 BGF117 TFS1019A SA130 FDC796N D44H10
Product Description
Full Text Search
 

To Download YT2068 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2x2.6w????????r???1|a??? ?? ??9m a??1|? ?????pop?a??t???a1?????3? ?? ???????2??? ?e??2??32???|??1?? ?? ? 4w ?o???5v???btl???a??????? ?3?2.6w?1|a 1yse/btl???????se?btl?? ?3? s hu td own????a??????o?? ( 1 m a ) ?a?1|? 1???o 1y?? ???3?????1|? ?n???sop-16-pa ?t?| (rohs ?) |? ?a?? yt 2 0 6 8 ?a?????3?a??1?????? ??????r??????1|a????4???o??? ????a???3????e?10% (1.0%)thd+n 2 . 6 w ( 1 . 8 w ) ?3?1|a? YT2068??????????? ?20db (dc_vol =0v) ? -80db (dc_vol=3.54v) ?32???????2????????????a? ?a?to?e??pcb???a?e??a1???ao ??a??????a?o?1?????1? ??e?????o?e???????a?1??????1?? ??????a?a1yo?o???a???a??e o|??a???a???YT2068o???????y?? btl??o????y?????(se)???????? ??1yse/btl??????????a1???????? ?????? l c d ?????? free datasheet http://www.datasheet-pdf.com/
2 ?a?? ?o? 2?y v dd ????1?? -0.3 to 6 v v in ????1??, se/btl, shutdown, mute - 0.3 to v dd +0.3 v t a 1??3?a??? -40 to 85 c t j ????a ?2??t??* 1 c t stg ??a??? -65 to +150 c t s o???a??10?? 260 c v esd ?2??? -3000 to 3000* 2 - 200 to 200* 3 v p d 1|a?eo? ?2??t?? ???t??t 1 . ???a?? 1 5 0c,YT2068?2????a??? 2 .???e c= 10 0 pf , r= 15 00 w , 3???ya?3??3???oa?3?? 3 . ???e: c =2 0 0p f, l =0 .5 m f , 3???ya?3??3???oa?3?? shutdown ckt power and depop circuit se/btl lout+ lout- lin- se/btl shutdown bypass mute mute volume control volume rout+ rin- bypass rout- gnd vdd volmax ?e? ???? ??? ????1, v dd 4.5 5.5 v shutdown , mute 2 ????????t??1, vih se/btl 4 v shutdown, mute 1.0 ???????t??1 vil se/btl 3 v 12??????1 vicm v dd -1.0 v ???1??t free datasheet http://www.datasheet-pdf.com/
3 v d d = 5 v , - 2 0 c < t a < 8 5 c ??e? ?e? YT2068 ?o? 2?y 2a???t min. typ. max. ??? v dd ????1 4.5 5.5 v se/btl=0v 9 2 0 i dd ??? se/btl=5v 4 1 0 ma i sd 1??????a???? se/btl= 0 v shutdown=0v 1 m a i ih ????? 900 na i il ???? 900 na v os ?3?2????1 5 mv ?o? YT2068 2?y 2a? ??t min. typ. max. p o thd=10%, r l =3 w , fin=1khz 2. 9 thd=10%, r l =4 w , fin=1khz 2 . 6 thd=10%, r l =8 w , fin=1khz 1. 6 thd=1%, r l =3 w , fin=1khz 2. 4 thd=1%, r l =4 w , fin=1khz 1. 8 ???3?1|a thd=0.5%, r l =8 w , fin=1khz 1 1. 3 w thd+n p o =1. 2 w, r l =4 w , fin=1khz 0.07 e32????? p o =0.9w, r l =8 w , fin=1khz 0.08 % psrr ????2??? v in =0.1vrms, r l =8 w , c b =1 m f, fin=120hz 60 db xtalk ????? c b =1 m f, r l =8 w , fin=1khz 90 db s/n e??? po =1.1w, r l =8 w , a_wieght 95 db ?o? 2?y ? ??? r thja ????t?a???????? sop - 16 - p 45 c /w 1 ?e? , b t l m o d e v d d = 5 v , t a = 2 5 c , r l = 4 w , g a i n = 2 v / v free datasheet http://www.datasheet-pdf.com/
4 ??e??e?? 1??t, se m ode. vdd=5v,ta=25c, gain=1v/v YT2068 ?o? 2?y 2a???t min. typ. max. ??? thd=10%, r l =16 w , fin=1khz 220 thd=10%, r l =32 w , fin=1khz 1 2 0 thd=1%, r l =16 w , fin=1khz 160 p o ???3?1|a thd=1%, r l =32 w , fin=1khz 9 5 mw p o =125mw, r l =16 w , fin=1khz 0.09 thd+n e32 p o =65mw, r l =32 w , fin=1khz 0.09 % psrr ????2??? v in =0.1vrms, r l =8 w , c b =1 m f, fin=120hz 60 db xtalk channel separation c b =1 m f, r l =32 w , fin=1khz 60 db s/n signal to noise rati o p o =75mw, se, r l =32 w , a_wieght 100 db 1???? bypass 4 13 se/btl volmax 8 gnd 5 15 vdd lin- 6 12 gnd shutdown 2 14 rout+ rin- 3 16 rout- 11 lout+ 10 vdd volume 7 mute 1 9 lout- YT2068 (????o??n) 1??1|??? 1?? no. name ?? 1|??? 1 mute i ?2? 2 shutdown i ?-??a1????. i sd = 1 m a 3 rin - i ????? 4 bypass i ??????1l? 5,12 gnd - ??????n??. 6 lin - i ????? 7 volume i ?2???????????. 8 volmax i ????3??????????????1 (v c )) ???????3???1??????? ? voh(???y?) - v c & v ol + v c . ??????1 < 1/2 vdd. free datasheet http://www.datasheet-pdf.com/
5 1?? no. name ?? 1|??? 9 lout - o btl????o?3?ose???a???. 10,15 vdd - ????1 11 lout+ o btl??ose???a??y?3? 13 se/btl i ?3? 14 rout+ o btl??ose???a??y?3?? 16 rout - o btl????o?3?ose?????? 1??1|????e?? shutdown mute se/btl 1??? l x x shutdown mode h l l btl out h l h se out h h x mute ?????? ?e|???a se/btl signal 4 w 4 w ring headphone jack sleeve control pin tip se/btl signal 1 m f 220 m f 220 m f 1k w 1k w r-ch input vdd 100k w shutdown signal 1 m f l-ch input vdd vdd gnd 100 m f 0.1 m f 100k w shutdown ckt se/btl lout+ lout- lin- se/btl shutdown bypass mute mute volume control volume a2068_appckt rout+ rin- bypass rout- volmax mute signal vdd 50k w volmax signal 2.2 m f free datasheet http://www.datasheet-pdf.com/
6 ??????-btl?? ???(db) ??(v) ?(v) ??2? (mv) ?????1(v) 20 0.12 0.00 0 18 0.23 0.17 52 0.20 16 0.34 0.28 51 0.31 14 0.46 0.39 50 0.43 12 0.57 0.51 49 0.54 10 0.69 0.62 47 0.65 8 0.80 0.73 46 0.77 6 0.91 0.84 45 0.88 4 1.03 0.96 44 0.99 2 1.14 1.07 43 1.10 0 1.25 1.18 41 1.22 -2 1.37 1.29 40 1.33 -4 1.48 1.41 39 1.44 -6 1.59 1.52 38 1.56 -8 1.71 1.63 37 1.67 -10 1.82 1.74 35 1.78 -12 1.93 1.85 34 1.89 -14 2.05 1.97 33 2.01 -16 2.16 2.08 32 2.12 -18 2.28 2.19 30 2.23 -20 2.39 2.30 29 2.35 -22 2.50 2.42 28 2.46 -24 2.62 2.53 27 2.57 -26 2.73 2.64 26 2.69 -28 2.84 2.75 24 2.80 -30 2.96 2.87 23 2.91 -32 3.07 2.98 22 3.02 -34 3.18 3.09 21 3.14 -36 3.30 3.20 20 3.25 -38 3.41 3.32 18 3.36 -40 3.52 3.43 17 3.48 -80 5.00 3.54 16 5 ????1 vdd=5v free datasheet http://www.datasheet-pdf.com/
7 ae?3?? s o p - 1 6 - p ( 1 5 0 m i l ) 1 2 3 n 0.015x45 ?? 2? ?? ??? 0.018 typ. e a2 e1 d1 h e 0.016 typ. d 0.050 typ. a a1 l o? ? 3?? min. max. min. max. a 1.3 5 1. 75 0.05 3 0.06 9 a1 0.1 0 0.25 0.00 4 0.0 10 d 9.80 10.0 0.3 86 0.3 9 4 d1 4.115 ref 0.162 ref e 3.81 3.99 0.150 0.157 e1 2.184 ref 0.086 ref h 5.79 6.20 0.228 0.244 l 0.41 1.27 0.016 0.050 f 0 8 0 8 free datasheet http://www.datasheet-pdf.com/


▲Up To Search▲   

 
Price & Availability of YT2068

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X